Part Number Hot Search : 
CHM310PT TDA7476 PE9645 IRF14 B2010 SM560A S1C63616 RB521
Product Description
Full Text Search
 

To Download DA03-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsab1274 rev no: v.11 date: may/23/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1302000017 7.62mm (0.3inch) dual digit numeric display part number: DA03-11GWA green features z 0.3 inch digit height. z low current operation. z excellent character appearance. z easy mounting on p.c. boards or sockets. z two digit package simplifies alignments & assembly. z i.c. compatible. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsab1274 rev no: v.11 date: may/23/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1302000017 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. DA03-11GWA green (gap) white diffused 800 3000 common anode description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsab1274 rev no: v.11 date: may/23/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1302000017 green DA03-11GWA
spec no: dsab1274 rev no: v.11 date: may/23/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1302000017 packing & label specifications DA03-11GWA


▲Up To Search▲   

 
Price & Availability of DA03-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X